Part Number Hot Search : 
VNV14N04 FLZ4V3B SSOB002V UC843B 0V8X1 A2400 ICM7226B 05100
Product Description
Full Text Search
 

To Download MUR1620CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shanghai Lunsure Electronic Technology Co.,Ltd Tel:0086-21-37185008 Fax:0086-21-57152769
* * * *
Features
Glass passivated chip Superfast switching time for hight efficiency Low reverse leakage current High surge capacity
MUR1605CT THRU MUR1660CT
16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
Maximum Ratings
* * Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C Device Marking Maximum Recurrent Peak Reverse Voltage 50V 100V 200V 300V 400V 600V Maximum RMS Voltage Maximum DC Blocking Voltage 50V 100V 200V 300V 400V 600V
TO-220AB
B C K
PIN 1 2 3
Catalog Number
L M D A E
MUR1605CT MUR1610CT MUR1620CT MUR1630CT MUR1640CT MUR1660CT
MUR1605CT MUR1610CT MUR1620CT MUR1630CT MUR1640CT MUR1660CT
35V 70V 140V 210V 280V 420V
F G I J N HH
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Forward Voltage Drop Per Element 1605CT-1620CT 1630CT-1640CT
1660CT
IF(AV) IFSM
16 A 90 A
TC = 90C 8.3ms, half sine
PIN 1 PIN 3
MM 14.22 9.65 2.54 5.84 9.65 -----12.70 2.29 0.51 0.30 3.53 3.56 1.14 2.03 15.88 10.67 3.43 6.86 10.67 6.35 14.73 2.79 1.14 0.64 4.09 4.83 1.40 2.92
PIN 2 CASE
VF
.975V 1.30V 1.50V 10uA 500uA
IFM = 8 A TJ = 25C
A B C D E F G H I J K L M N
Maximum DC Reverse Current At Rated DC Blocking Voltage Maximum Reverse Recovery Time 1605CT-1620 1640CT-1660 Typical Junction Capacitance
IR
TJ = 25C TJ = 125C
Trr
35ns 50ns 62pF
IF=0.5A, Ir=1.0A, Irr=0.25A Measured at 1.0MHz, VR=4.0V
INCHES .560 .625 .380 .420 .100 .135 .230 .270 .380 .420 -----.250 .500 .580 .090 .110 .020 .045 .012 .025 .139 .161 .140 .190 .045 .055 .080 .115
CJ
*Pulse Test: Pulse Width 300sec, Duty Cycle 2%
www.cnelectr.com
MUR1605CT thru MUR1660CT
Figure 1 Typical Forward Characteristics 100 60 40 20 10 6 4 2 Amps 1 .6 .4 .2 .1 .6 .06 .04 .02 .1 .01 .4 .6 .8 1.0 1.2 1.4 1.6 Volts Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts Figure 3 Forward Derating Curve 16 Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts 20 40 60 100 120 140 160 .4 4 .2 Figure 2 Typical Reverse Characteristics 1000 600 400
MUR1605CT~1620CT
200
MUR1630CT~1640CT
100 60 40 20 TJ=25C
MUR1660CT
Amps 10 6 4 2 1
Figure 4 Maximum Non-Repetitive Forward Surge Current 100
12
90 80 70 Amps 60 40
8
6 Amps 4
2 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 0 60 80 100 C Average Forward Rectified Current - Amperes versus Case Temperature - C 120 140 160
0
1
2
4
6
8 10 Cycles
20
40 00
60 80 100
Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles
www.cnelectr.com


▲Up To Search▲   

 
Price & Availability of MUR1620CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X